전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1310NS 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRF1310NS
상세설명  Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF1310NS 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRF1310NS Datasheet HTML 2Page - International Rectifier IRF1310NS Datasheet HTML 3Page - International Rectifier IRF1310NS Datasheet HTML 4Page - International Rectifier IRF1310NS Datasheet HTML 5Page - International Rectifier IRF1310NS Datasheet HTML 6Page - International Rectifier IRF1310NS Datasheet HTML 7Page - International Rectifier IRF1310NS Datasheet HTML 8Page - International Rectifier IRF1310NS Datasheet HTML 9Page - International Rectifier IRF1310NS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF1310NS/L
Tape & Reel Information
D2Pak
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
5/98
3
4
4
TR R
F E E D DIRE CTIO N
1.85 ( .07 3)
1.65 ( .06 5)
1.60 (.0 6 3 )
1.50 (.0 5 9 )
4.10 ( .16 1)
3.90 ( .15 3)
TR L
F E E D D IRE CTIO N
10 .9 0 (.42 9)
10 .7 0 (.42 1)
16 .10 (.634)
15 .90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.3 68 (.0145)
0.3 42 (.0135)
1 .60 (.06 3)
1 .50 (.05 9)
13.50 (.532 )
12.80 (.504 )
33 0.00
(1 4.1 73)
MA X .
2 7.4 0 ( 1.079)
2 3.9 0 ( .9 41)
60.00 (2.3 62)
M IN .
3 0.40 (1.1 97)
M A X .
26 .40 ( 1.03 9)
24 .40 ( .961 )
NO T ES :
1. C O M F O R M S TO E IA -4 18.
2. C O NTRO LLING DIM E N S IO N: M ILL IM ET ER .
3. DIM E NSIO N M EASUR E D @ HU B.
4. IN C LU D E S F LA N GE D IS TOR T ION @ OU T E R E D GE .


유사한 부품 번호 - IRF1310NS

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
Inchange Semiconductor ...
IRF1310NS ISC-IRF1310NS Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1310NSPBF IRF-IRF1310NSPBF Datasheet
725Kb / 11P
   HEXFET Power MOSFET
IRF1310NSPBF IRF-IRF1310NSPBF Datasheet
726Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRF1310NSPBF IRF-IRF1310NSPBF_15 Datasheet
726Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRF1310NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRFI1310N IRF-IRFI1310N Datasheet
104Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=24A)
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com