전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR120N 데이터시트(PDF) 10 Page - Kersemi Electronic Co., Ltd.

부품명 IRLR120N
상세설명  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR120N 데이터시트(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR120N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR120N Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Tape & Reel Information
TO-252AA
TR
1 6.3 ( .6 41 )
1 5.7 ( .6 19 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
12 .1 ( .4 7 6 )
11 .9 ( .4 6 9 )
F E E D DIR E CT IO N
F E E D DIR E CT IO N
16 .3 ( .64 1 )
15 .7 ( .61 9 )
TR R
TR L
NO T E S :
1 . CO N T R O LL IN G DIM E NS IO N : M ILL IM E T E R .
2 . A LL DIM E NS IO NS A R E S H O W N IN M ILL IM E T E R S ( IN CH E S ).
3 . O U T L IN E C O N F O R M S T O EIA-4 81 & EIA-54 1.
NO T E S :
1. O U T L IN E C O N F O R M S T O EIA-4 81 .
16 m m
1 3 IN C H
IRLR/U120N
2014-8-24
10
www.kersemi.com


유사한 부품 번호 - IRLR120N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR120N IRF-IRLR120N Datasheet
173Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A)
logo
Inchange Semiconductor ...
IRLR120N ISC-IRLR120N Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRLR120NLPBF VISHAY-IRLR120NLPBF Datasheet
299Kb / 11P
   Surface Mount (IRLR120N)
logo
International Rectifier
IRLR120NPBF IRF-IRLR120NPBF Datasheet
298Kb / 11P
   HEXFET짰 Power MOSFET
IRLR120NPBF IRF-IRLR120NPBF Datasheet
275Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRLR120N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com