전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR3110Z 데이터시트(PDF) 6 Page - Kersemi Electronic Co., Ltd.

부품명 IRLR3110Z
상세설명  Advanced Process Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR3110Z 데이터시트(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR3110Z Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR3110Z Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR3110Z Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR3110Z Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR3110Z Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR3110Z Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR3110Z Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR3110Z Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR3110Z Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs.
CaseTemperature
Fig 10. Normalized On-Resistance
vs. Temperature
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
3.0
ID = 63A
VGS = 10V
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.383
0.000267
0.667
0.003916
τ
J
τJ
τ
1
τ
1
τ
2
τ
2
R
1
R
1
R
2
R
2
τ
τ
C
Ci
i
/Ri
Ci=
τi/Ri
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
Limited By Package
AUIRLR/U3110Z
www.kersemi.com
6
2014-8-24


유사한 부품 번호 - IRLR3110Z

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRLR3110Z ISC-IRLR3110Z Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3110ZPBF IRF-IRLR3110ZPBF Datasheet
735Kb / 11P
   AUTOMOTIVE MOSFET
IRLR3110ZPBF IRF-IRLR3110ZPBF Datasheet
322Kb / 11P
   Advanced Process Technology
IRLR3110ZPBF IRF-IRLR3110ZPBF Datasheet
322Kb / 11P
   Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRLR3110ZPBF VBSEMI-IRLR3110ZPBF Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
More results

유사한 설명 - IRLR3110Z

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com