전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1623 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 2SC1623
상세설명  NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1623 데이터시트(HTML) 5 Page - Renesas Technology Corp

  2SC1623_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet D17115EJ5V0DS
3
2SC1623
VCE = 6.0 V
Pulsed
100
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.2 0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VBE - Base to Emitter Voltage - V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
2 V
1 V
10000
2000
5000
1000
200
500
100
20
50
10
–0.1 –0.2
–0.5 –1
–2
–5 –10 –20
–50 –100
IE - Emitter Current - mA
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
IC = 50 IB
20
10
20
10
0.1 0.2
1
0.5
2
5
10
20
50 100
IC - Collector Current - mA
COLLECTOR AND BASE SATURATION
VOLTAGE vs. COLLECTOR CURRENT
VCB - Collector to Base Voltage - V
VEB - Emittor to Base Voltage - V
INPUT AND OUTPUT CAPACITANCE
vs. REVERSE VOLTAGE
f = 1.0 MHz
C
ib
(I
C
= 0 A)
Cob (I
E
= 0 A)
100
20
50
10
2
5
1
0.2
0.5
0.1
0.1 0.2
0.5
1
2
5
10
20
50 100
1000
800
600
400
200
0
hFE - DC Current Gain
SMALL SIGNAL CURRENT GAIN vs.
DC CURRENT GAIN
0
200
400
600
800
1000
VCE = 6.0 V
IC = 1.0 mA
f = 1.0 kHz
hfe - Small Signal Current Gain
INPUT IMPEDANCE VOLTAGE FEEDBACK
RATIO AND OUTPUT ADMITTANCE vs.
SMALL SIGNAL CURRENT GAIN
50
40
30
20
10
0
200
400
600
800
1000
VCE = 6.0 V
IC = 1.0 mA
f = 1.0 kHz
50
40
30
20
10
0
100
80
60
40
20
0
hoe
hre
hie
VBE(sat)
VCE(sat)
Pulsed
IC = 50 IB
VCE =10 V
6 V


유사한 부품 번호 - 2SC1623_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC1623 KEXIN-2SC1623_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC1623 WINNERJOIN-2SC1623_15 Datasheet
136Kb / 1P
   TRANSISTOR (NPN)
logo
Unisonic Technologies
2SC1623 UTC-2SC1623_15 Datasheet
120Kb / 2P
   NPN SILICON TRANSISTOR
More results

유사한 설명 - 2SC1623_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1623A RENESAS-2SC1623A Datasheet
301Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2005
logo
NEC
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SD1001 NEC-2SD1001 Datasheet
208Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1699 NEC-2SD1699 Datasheet
198Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SC3554 RENESAS-2SC3554_15 Datasheet
1Mb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3617 RENESAS-2SC3617_15 Datasheet
346Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1950-T1-AZ RENESAS-2SD1950-T1-AZ Datasheet
1Mb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
NEC
2SC2780 NEC-2SC2780 Datasheet
209Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD?
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com