전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR7821C 데이터시트(PDF) 6 Page - Kersemi Electronic Co., Ltd.

부품명 IRLR7821C
상세설명  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR7821C 데이터시트(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR7821C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR7821C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR7821C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR7821C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR7821C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR7821C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR7821C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR7821C Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR7821C Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
25
50
75
100
125
150
175
0
200
400
600
800
1000
Starting Tj, Junction Temperature
( C)
°
ID
TOP
BOTTOM
4.9A
8.5A
12A
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13. Gate Charge Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Fig 14a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 14b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
IRLR7821CPBF
IRLU7821CPBF
2014-8-25
6
www.kersemi.com


유사한 부품 번호 - IRLR7821C

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR7821CPBF IRF-IRLR7821CPBF Datasheet
319Kb / 11P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLR7821C

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com