전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR8256 데이터시트(PDF) 6 Page - Kersemi Electronic Co., Ltd.

부품명 IRLR8256
상세설명  High Frequency Synchronous Buck
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR8256 데이터시트(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR8256 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR8256 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR8256 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR8256 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR8256 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR8256 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR8256 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR8256 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR8256 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13. Gate Charge Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
ID
TOP
5.57A
8.50A
BOTTOM 20A
IRLR8256PBF
IRLU8256PBF
2014-8-25
6
www.kersemi.com


유사한 부품 번호 - IRLR8256

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRLR8256 ISC-IRLR8256 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR8256PBF IRF-IRLR8256PBF Datasheet
358Kb / 11P
   HEXFET Power MOSFET
IRLR8256PBF IRF-IRLR8256PBF Datasheet
290Kb / 11P
   Simple Drive Requirements
IRLR8256PBF IRF-IRLR8256PBF_15 Datasheet
290Kb / 11P
   Simple Drive Requirements
IRLR8256TRPBF IRF-IRLR8256TRPBF Datasheet
358Kb / 11P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLR8256

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com