전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLU8113PBF 데이터시트(PDF) 11 Page - Kersemi Electronic Co., Ltd.

부품명 IRLU8113PBF
상세설명  High Frequency Synchronous Buck
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU8113PBF 데이터시트(HTML) 11 Page - Kersemi Electronic Co., Ltd.

Back Button IRLU8113PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRLU8113PBF Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 1.8mH, RG = 25Ω,
IAS = 13A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
„ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 30A.
… When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to
application note #AN-994.
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .476 )
11.9 ( .469 )
FEED DIRECTION
FEED DIRECTION
16.3 ( .641 )
15.7 ( .619 )
TRR
TRL
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES :
1. OUTLINE CONFORMS TO EIA-481.
16 mm
13 INCH
IRLR8113PBF
IRLU8113PBF
2014-8-25
11
www.kersemi.com


유사한 부품 번호 - IRLU8113PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLU8113PBF IRF-IRLU8113PBF Datasheet
259Kb / 11P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLU8113PBF

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
IRLR8256 KERSEMI-IRLR8256 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com