전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ598 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 2SJ598
상세설명  SWITCHING P-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ598 데이터시트(HTML) 6 Page - Renesas Technology Corp

Back Button 2SJ598_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ598_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ598_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ598_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ598_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ598_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ598_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ598_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ598_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D14656EJ5V0DS
4
2SJ598
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
–5
–10
–15
–20
Pulsed
200
150
100
50
0
ID = –6 A
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
Pulsed
–1
–2
–3
–4
–5
VDS = –10 V
–10
–1
–0.1
–100
TA =
−55˚C
25˚C
75˚C
150˚C
–0.01
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
–1
–0.1
300
200
100
0
–10
–100
Pulsed
VGS = –4.0 V
–4.5 V
–10 V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
–4
–6
–8
–50
–40
–30
–20
–10
0
–2
Pulsed
VGS = –10 V
–10
–4.0 V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
–0.01
–0.1
–1
10
100
–10
–100
0.1
1
Pulsed
VDS = –10 V
TA = 150˚C
75˚C
25˚C
−50˚C
0.01
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = –10 V
ID = –1 mA
–1.0
–2.0
–3.0
–50
0
50
100
0
150
–4.0


유사한 부품 번호 - 2SJ598_15

제조업체부품명데이터시트상세설명
logo
NEC
2SJ598-Z NEC-2SJ598-Z Datasheet
154Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET
logo
Guangdong Kexin Industr...
2SJ598-Z KEXIN-2SJ598-Z Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Renesas Technology Corp
2SJ598-Z RENESAS-2SJ598-Z Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
VBsemi Electronics Co.,...
2SJ598-Z-E1-AZ VBSEMI-2SJ598-Z-E1-AZ Datasheet
988Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - 2SJ598_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com