전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW03C7V5 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 BZW03C7V5
상세설명  6 Watts Axial Leaded Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW03C7V5 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZW03C7V5 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW03C7V5 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZW03C7V5-BZW03C270
6 Watts Axial Leaded Zener Diodes
1.85
Complete Voltage Range 7.5 to 240 Volts
1 of 2
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Ultra-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 60A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
l=10mm, TL=25°C
PV
6.0
W
Tamb=45°C
PV
W
Repetitive peak reverse power dissipation
PZRM
20
W
Non repetitive peak surge power dissipation
tp=100ms, Tj=25°C
PZSM
1000
W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=25mm, TL=constant
RthJA
30
K/W
on PC board with spacing 37.5mm
RthJA
70
K/W
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
1.2
V
·


유사한 부품 번호 - BZW03C7V5

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZW03C7V5 VISHAY-BZW03C7V5 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C7V5 VISHAY-BZW03C7V5 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03C7V5 VISHAY-BZW03C7V5 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
SUNMATE electronic Co.,...
BZW03C7V5 SUNMATE-BZW03C7V5 Datasheet
395Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
BZW03C7V5 NJSEMI-BZW03C7V5 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
More results

유사한 설명 - BZW03C7V5

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
ZPY3.9 SUNMATE-ZPY3.9 Datasheet
103Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
1N5913B SUNMATE-1N5913B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
BZX85C2V7 SUNMATE-BZX85C2V7 Datasheet
110Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
ZY3.6 SUNMATE-ZY3.6 Datasheet
115Kb / 2P
   2 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com