전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW04P13A 데이터시트(PDF) 4 Page - SUNMATE electronic Co., LTD

부품명 BZW04P13A
상세설명  400 Watts Axial Leaded Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW04P13A 데이터시트(HTML) 4 Page - SUNMATE electronic Co., LTD

  BZW04P13A Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW04P13A Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW04P13A Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW04P13A Datasheet HTML 4Page - SUNMATE electronic Co., LTD BZW04P13A Datasheet HTML 5Page - SUNMATE electronic Co., LTD BZW04P13A Datasheet HTML 6Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
168
176
152
BZW04-136
BZW04P136
158
165
143
BZW04-128
BZW04P128
137
143
124
BZW04-110
BZW04P110
126
132
114
BZW04-102
BZW04P102
116
121
BZW04-94
BZW04P94
105
110
95.0
BZW04-85
BZW04P85
95.5
100
86.5
BZW04-78
BZW04P78
86.1
90.2
77.9
BZW04-70
BZW04P70
78.8
82.5
71.3
71.3
BZW04-64
BZW04P64
71.4
74.8
74.8
BZW04-58
BZW04P58
68.2
65.1
BZW04-53
BZW04P53
M
in
M
ax
Maximum
reverse
leakge
at VWM
ID (NOTE3)(μA)
Maximum
peak pulse
IPPM(NOTE2)
(A)
Maximum
clamping
voltage at
IPPM VC(V)
Maximum
temperature
coefficient
of V(BR)
(%/ )
Breakdow n
voltage V(BR)
(V)(NOTE1)
Test
current
at IT
(mA)
102
1.0
Stand-off
voltage
VWM
(V)
128
1.0
2.0
207
0.108
111
1.0
128
1.0
207
179
0.107
0.107
0.108
165
0.107
2.2
179
2.0
111
1.0
0.107
1.0
2.4
165
0.107
1.0
2.6
2.4
2.9
103
102.0
94.0
152
85.0
53.0
1.0
4.7
85.0
92.0
92.0
103
85.5
53.0
58.1
58.1
64.1
64.1
85.5
70.1
70.1
78.0
1.0
1.0
1.0
1.0
2.2
2.9
1.0
1.0
1.0
1.0
1.0
1.0
4.3
4.3
3.9
1.0
137
152
3.5
3.5
3.2
3.2
2.6
113
113
125
0.104
0.104
0.104
0.105
0.104
0.105
0.105
0.105
0.105
94.0
0.105
0.106
0.106
0.107
125
1.0
137
Device
type
78.0
3.9
4.7
58.9
58.9
74.8
71.4
74.8
74.8
BZW04-58
BZW04P58
92.0
92.0
58.1
58.1
1.0
1.0
4.3
4.3
0.104
0.104
74.8
68.2
65.1
BZW04-53
BZW04P53
85.0
53.0
1.0
4.7
85.0
53.0
1.0
0.104
0.104
4.7
58.9
58.9
78.8
82.5
71.3
71.3
BZW04-64
BZW04P64
103
103
64.1
64.1
1.0
3.9
1.0
0.105
0.105
3.9
77.9
86.1
90.2
77.9
BZW04-70
BZW04P70
70.1
70.1
1.0
1.0
3.5
3.5
113
113
0.105
0.105
77.9
86.5
95.5
100
86.5
BZW04-78
BZW04P78
78.0
1.0
1.0
3.2
3.2
125
0.105
0.105
125
78.0
86.5
95.0
105
110
95.0
BZW04-85
BZW04P85
2.9
85.5
85.5
2.9
1.0
137
0.106
0.106
1.0
137
95.0
105
105
116
121
BZW04-94
BZW04P94
0.107
1.0
2.6
94.0
152
1.0
152
2.6
94.0
0.107
105
105
114
126
132
114
BZW04-102
BZW04P102
102
1.0
165
0.107
1.0
2.4
165
0.107
2.4
102.0
114
124
137
143
124
BZW04-110
BZW04P110
111
1.0
179
0.107
0.107
2.2
179
111
1.0
2.2
124
143
158
165
143
BZW04-128
BZW04P128
128
1.0
2.0
207
0.108
128
1.0
207
0.108
2.0
143
0.108
136
1.0
1.8
219
219
1.0
1.8
0.108
136
152
168
176
152
BZW04-136
BZW04P136
0.108
136
1.0
1.8
219
219
1.0
1.8
0.108
136
152
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
CA
A
A
CA
A
CA
A
4of6


유사한 부품 번호 - BZW04P13A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
BZW04P13 EIC-BZW04P13 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
BZW04P13 MDE-BZW04P13 Datasheet
200Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
BZW04P13 GE-BZW04P13 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
DB Lectro Inc
BZW04P13 DBLECTRO-BZW04P13 Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04P13 BILIN-BZW04P13 Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - BZW04P13A

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com