전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF520NS 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRF520NS
상세설명  Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF520NS 데이터시트(HTML) 8 Page - International Rectifier

Back Button IRF520NS Datasheet HTML 2Page - International Rectifier IRF520NS Datasheet HTML 3Page - International Rectifier IRF520NS Datasheet HTML 4Page - International Rectifier IRF520NS Datasheet HTML 5Page - International Rectifier IRF520NS Datasheet HTML 6Page - International Rectifier IRF520NS Datasheet HTML 7Page - International Rectifier IRF520NS Datasheet HTML 8Page - International Rectifier IRF520NS Datasheet HTML 9Page - International Rectifier IRF520NS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRF520NS/L
D2Pak Package Outline
D2Pak
Part Marking Information
10.16 (.400)
RE F .
6.47 (.2 55 )
6.18 (.2 43 )
2.61 (.1 03 )
2.32 (.0 91 )
8.89 (.350)
R E F .
- B -
1.3 2 (.05 2)
1.2 2 (.04 8)
2.7 9 (.110 )
2.2 9 (.090 )
1.39 (.055)
1.14 (.045)
5 .28 (.20 8)
4 .78 (.18 8)
4.69 (.1 85)
4.20 (.1 65)
10.54 (.415)
10.29 (.405)
- A -
2
1
3
15 .4 9 (.6 10)
14 .7 3 (.5 80)
3X
0.93 (.037)
0.69 (.027)
5 .08 (.20 0)
3X
1.40 (.0 55)
1.14 (.0 45)
1.7 8 (.07 0)
1.2 7 (.05 0)
1.4 0 (.055 )
M AX.
NO TE S:
1 DIM ENS IO NS A F T ER SO L D ER DIP.
2 DIM ENS IO NING & T O LE RA NCING PE R A N S I Y1 4.5M , 198 2.
3 CO NT RO L LIN G DIM ENSIO N : INCH.
4 HE AT SINK & L EA D DIM ENS IO NS DO NO T INCLUDE B URRS.
0.5 5 (.022 )
0.4 6 (.018 )
0 .25 (.01 0 )
M
B A M
M INIM U M RE CO M M E NDE D F O O TP R IN T
11.43 (.450)
8.89 (.3 50 )
17 .78 (.70 0)
3.81 (.15 0)
2 .08 (.08 2)
2X
LEAD ASSIG N M E N TS
1 - G A TE
2 - D R AIN
3 - S O U RC E
2.5 4 (.100 )
2 X
PAR T N U M B ER
IN TE RN ATIO NA L
RE CT IF IE R
L O G O
D A T E CO DE
(Y YW W )
YY = YEAR
WW = WE E K
A S SEM BL Y
L O T
C O D E
F530 S
9 B
1 M
9246
A


유사한 부품 번호 - IRF520NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF520NS IRF-IRF520NS Datasheet
195Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF520NS KERSEMI-IRF520NS Datasheet
1Mb / 10P
   Low-profile through-hole (IRF520NL)
logo
Inchange Semiconductor ...
IRF520NS ISC-IRF520NS Datasheet
188Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF520NS VBSEMI-IRF520NS Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRF520NSPBF IRF-IRF520NSPBF Datasheet
405Kb / 10P
   Advamced {rpcess Technology Surface Mount
More results

유사한 설명 - IRF520NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRLI530GPBF IRF-IRLI530GPBF Datasheet
937Kb / 7P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRLI530G IRF-IRLI530G Datasheet
175Kb / 6P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com