전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM3000RM2UNTAA 데이터시트(PDF) 2 Page - Tripp Lite. All Rights Reserved

부품명 SM3000RM2UNTAA
상세설명  TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM3000RM2UNTAA 데이터시트(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SM3000RM2UNTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM3000RM2UNTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM3000RM2UNTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM3000RM2UNTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM3000RM2UNTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Extended runtime is available with optional BP48V24-2U (limit 1), BP48V60RT-3U (multi-pack compatible) and BP48V27-2US (multi-pack compatible)
external battery packs (max output de-rates to 1600 watts with external batteries)
External battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
Hot-swappable, user-replaceable internal batteries and external battery packs can be replaced with no disruption to connected equipment
Front panel LCD monitoring screen with MODE and ENTER buttons reports operating mode with 5-bar battery charge graphic, plus 7 selectable screens
of detailed UPS and site power information
LCD interface also supports a number of advanced user setup and operating preferences
Ships with 4 post rackmount installation hardware; Optional 2POSTRMKITWM enables 2 post rackmount/wallmount installation; Optional 2-9USTAND
enables tower placement
Built-in USB, RS-232 and pre-installed SNMPWEBCARD accessory
HID-compliant USB port enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert UPS monitoring software; Built-in Emergency Power Off (EPO) interface with cable
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
3000
Output kVA Capacity (kVA)
3
Output Watt Capacity (Watts)
2250
Output kW Capacity (kW)
2.25
Power Factor
0.75
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-14%, +6%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) 5-15/20R; (1) L5-30R
Load Management Receptacles
Two switchable single-outlet load banks
Output Circuit Breakers
Two 20A output breakers protect 4 5-15/20R outlets each
Output AC Waveform (AC Mode)
Pure Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
24A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
L5-30P
UPS Input Cord Length (ft.)
10
2 / 5


유사한 부품 번호 - SM3000RM2UNTAA

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results

유사한 설명 - SM3000RM2UNTAA

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMX3000RT2UTAA TRIPPLITE-SMX3000RT2UTAA Datasheet
487Kb / 5P
   TAA-Compliant SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART3000RM2UN TRIPPLITE-SMART3000RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
   -SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SMX3000XLRT2U TRIPPLITE-SMX3000XLRT2U Datasheet
488Kb / 5P
   SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
SMART3000RMXL2U TRIPPLITE-SMART3000RMXL2U Datasheet
508Kb / 5P
   SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com