전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N0301P 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 N0301P
상세설명  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0301P 데이터시트(HTML) 4 Page - Renesas Technology Corp

  N0301P_15 Datasheet HTML 1Page - Renesas Technology Corp N0301P_15 Datasheet HTML 2Page - Renesas Technology Corp N0301P_15 Datasheet HTML 3Page - Renesas Technology Corp N0301P_15 Datasheet HTML 4Page - Renesas Technology Corp N0301P_15 Datasheet HTML 5Page - Renesas Technology Corp N0301P_15 Datasheet HTML 6Page - Renesas Technology Corp N0301P_15 Datasheet HTML 7Page - Renesas Technology Corp N0301P_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D20204EJ1V0DS
2
N0301P
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
30 V, VGS = 0 V
10
μA
Gate Leakage Current
IGSS
VGS = m12 V, VDS = 0 V
m10
μA
Gate to Source Cut-off Voltage
VGS(off)
VDS =
10 V, ID = 1.0 mA
0.5
1.5
V
Forward Transfer AdmittanceNote
| yfs |
VDS =
10 V, ID = 2.0 A
2.5
S
Drain to Source On-state ResistanceNote
RDS(on)1
VGS =
4.5 V, ID = 2.0 A
40
75
m
Ω
RDS(on)2
VGS =
2.5 V, ID = 2.0 A
71
106
m
Ω
Input Capacitance
Ciss
VDS =
10 V,
780
pF
Output Capacitance
Coss
VGS = 0 V,
140
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
120
pF
Turn-on Delay Time
td(on)
VDD =
15 V, ID = 2.0 A,
12
ns
Rise Time
tr
VGS =
4.5 V,
10
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
58
ns
Fall Time
tf
44
ns
Total Gate Charge
QG
VDD =
24 V,
9.5
nC
Gate to Source Charge
QGS
VGS =
4.5 V,
1.9
nC
Gate to Drain Charge
QGD
ID =
4.0 A
4.5
nC
Body Diode Forward VoltageNote
VF(S-D)
IF = 4.0 A, VGS = 0 V
0.87
V
Reverse Recovery Time
Trr
IF = 4.0 A, VGS = 0 V,
41
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A/
μs
16
nC
Note Pulsed
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS (−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
VGS
Wave Form
VDS
Wave Form
VGS (−)
VDS (−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
VGS
Wave Form
VDS
Wave Form
VGS (−)
VDS (−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


유사한 부품 번호 - N0301P_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
N0301P-T1-AT RENESAS-N0301P-T1-AT Datasheet
260Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

유사한 설명 - N0301P_15

제조업체부품명데이터시트상세설명
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com