전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7466 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRF7466
상세설명  Power MOSFET(Vdss=30V, Id=11A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7466 데이터시트(HTML) 7 Page - International Rectifier

  IRF7466 Datasheet HTML 1Page - International Rectifier IRF7466 Datasheet HTML 2Page - International Rectifier IRF7466 Datasheet HTML 3Page - International Rectifier IRF7466 Datasheet HTML 4Page - International Rectifier IRF7466 Datasheet HTML 5Page - International Rectifier IRF7466 Datasheet HTML 6Page - International Rectifier IRF7466 Datasheet HTML 7Page - International Rectifier IRF7466 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7466
www.irf.com
7
SO-8 Package Details
K x 4 5 °
C
8X
L
8X
θ
H
0 .2 5 (.0 1 0 )
M
A M
A
0 .10 (.00 4)
B 8 X
0 .2 5 (.0 1 0 )
M
C A S B S
- C -
6X
e
- B -
D
E
- A -
8
7
6
5
1
2
3
4
5
6
5
RE CO M M E NDE D F O O T P R IN T
0.7 2 (.028 )
8X
1.78 (.0 7 0 )
8 X
6.46 ( .2 55 )
1.2 7 ( .0 50 )
3 X
DIM
IN C H E S
M ILLIM E T E R S
M IN
M A X
M IN
M A X
A
.05 32
.06 88
1.3 5
1.75
A 1
.00 40
.00 98
0.1 0
0.25
B
.01 4
.01 8
0.3 6
0.46
C
.00 75
.009 8
0.19
0.25
D
.18 9
.196
4.80
4.98
E
.15 0
.15 7
3.8 1
3.99
e
.05 0 B A S IC
1.27 B A S IC
e1
.02 5 B A S IC
0 .635 B A S IC
H
.22 84
.244 0
5.8 0
6.20
K
.01 1
.01 9
0.2 8
0.48
L
0.16
.05 0
0.4 1
1.27
θ
8 °
NO T E S:
1 . DIM E N S IO NING AN D T O L E R A NCING P E R ANS I Y1 4 .5 M -1 9 8 2 .
2 . C O N T R O L L IN G D IM E N S IO N : IN C H .
3 . DIM E N S IO NS A R E SHO W N IN M IL L IM ET E R S (INCHE S).
4 . O U T L IN E C O N F O R M S T O J E D E C O U T L IN E M S -0 1 2 A A .
DIM E NS IO N DO ES NO T IN C L UD E M O L D PRO T RUS IO NS
M O L D P R O T R U S IO N S N O T T O E X C E E D 0 .2 5 (.0 0 6 ).
D IM E N S IO N S IS T H E L E N G T H O F L E A D F O R S O L D E R IN G T O A S U B S T R A T E ..
5
6
A1
e1
θ
SO-8 Part Marking


유사한 부품 번호 - IRF7466

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
More results

유사한 설명 - IRF7466

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com