전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART1500XL 데이터시트(PDF) 5 Page - Tripp Lite. All Rights Reserved

부품명 SMART1500XL
상세설명  SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500XL 데이터시트(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SMART1500XL_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WARRANTY
Product Warranty Period (Worldwide)
2-year warranty, 3 year with registration. Note: Registration is required for 3-year warranty.
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5


유사한 부품 번호 - SMART1500XL_15

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
More results

유사한 설명 - SMART1500XL_15

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
   SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com