전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART2500XLHG 데이터시트(PDF) 4 Page - Tripp Lite. All Rights Reserved

부품명 SMART2500XLHG
상세설명  SmartPro 120V 2.2kVA 1.92kW UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,SNMP, Webcard, Full Isolation, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2500XLHG 데이터시트(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART2500XLHG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2500XLHG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2500XLHG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2500XLHG Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART2500XLHG Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
9.72 x 8.90 x 19.09
UPS Power Module Dimensions
(hwd, cm)
24.7 x 22.6 x 48.5
UPS Power Module Weight (lbs.)
73.3
UPS Power Module Weight (kg)
32.2
UPS Shipping Dimensions (hwd / in.)
15.9 x 14.17 x 23.43
UPS Shipping Dimensions (hwd /
cm)
40.48 x 35.99 x 59.51
Shipping Weight (lbs.)
51
Shipping Weight (kg)
23.2
Cooling Method
Fan
UPS Housing Material
PVC
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
162.8
Battery Mode BTU / Hr. (Full Load)
315.2
AC Mode Efficiency Rating (100%
Load)
94%
COMMUNICATIONS
Communications Interface
USB (HID enabled); DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
USB and DB9 serial cabling included
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
81
High Voltage Transfer to Battery
Power (Setpoint)
143
SPECIAL FEATURES
4 / 5


유사한 부품 번호 - SMART2500XLHG

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART2200CRMXL TRIPPLITE-SMART2200CRMXL Datasheet
510Kb / 5P
   SmartPro 120V 2.2kVA 1.9kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 4U Rack Reduced Depth, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART2200NET ETC2-SMART2200NET Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART2200NET TRIPPLITE-SMART2200NET_15 Datasheet
507Kb / 4P
   SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
logo
List of Unclassifed Man...
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART2200RM2UL TRIPPLITE-SMART2200RM2UL Datasheet
169Kb / 6P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Lithium Iron Phosphate (LiFePO4) Batteries, 2U, LCD, USB, DB9
More results

유사한 설명 - SMART2500XLHG

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART2200RMXLN TRIPPLITE-SMART2200RMXLN Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX2200XLRT2U TRIPPLITE-SMX2200XLRT2U Datasheet
504Kb / 5P
   SmartPro 230V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com