전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7524D1 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF7524D1
상세설명  FETKY??MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.27ohm, Schottky Vf=0.39V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7524D1 데이터시트(HTML) 4 Page - International Rectifier

  IRF7524D1 Datasheet HTML 1Page - International Rectifier IRF7524D1 Datasheet HTML 2Page - International Rectifier IRF7524D1 Datasheet HTML 3Page - International Rectifier IRF7524D1 Datasheet HTML 4Page - International Rectifier IRF7524D1 Datasheet HTML 5Page - International Rectifier IRF7524D1 Datasheet HTML 6Page - International Rectifier IRF7524D1 Datasheet HTML 7Page - International Rectifier IRF7524D1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7524D1
4
www.irf.com
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
0
100
200
300
400
500
1
1 0
100
A
DS
-V
, D rain-to -S ourc e V oltage (V )
V
= 0V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
iss
g s
g d
d s
rs s
g d
o ss
ds
g d
C iss
C oss
Crss
0
2
4
6
8
10
024
68
1 0
G
A
Q
, Total G ate C harge (nC )
I
= -1 .2 A
V
= -1 6V
FO R TE S T CIR C U IT
S E E F IG U R E 9
D
DS
0.01
0.1
1
10
0.4
0.6
0.8
1.0
1.2
T = 2 5°C
T = 15 0°C
J
J
V
= 0V
GS
SD
A
-V
, S ourc e-to-D rain V oltage (V )
0.1
1
10
100
1
1 0
100
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
T
= 25 °C
T
= 15 0°C
Sing le P u ls e
A
-V
, D rain-to-S ourc e V oltage (V )
DS
A
J
100µs
1m s
10m s
Power Mosfet Characteristics


유사한 부품 번호 - IRF7524D1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7524D1GPBF IRF-IRF7524D1GPBF Datasheet
203Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7524D1PBF IRF-IRF7524D1PBF Datasheet
171Kb / 8P
   Co-packaged HEXFET Power
IRF7524D1PBF IRF-IRF7524D1PBF Datasheet
171Kb / 8P
   Generation 5 Technology
IRF7524D1PBF IRF-IRF7524D1PBF_15 Datasheet
171Kb / 8P
   Generation 5 Technology
More results

유사한 설명 - IRF7524D1

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7521D1 IRF-IRF7521D1 Datasheet
177Kb / 8P
   FETKY??MOSFET / Schottky Diode(Vdss=20V, Rds(on)=0.135ohm, Schottky Vf=0.39V)
IRF7534D1 IRF-IRF7534D1 Datasheet
106Kb / 8P
   FETKY MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.055ohm, Schottky Vf=0.39V)
IRF7523D1 IRF-IRF7523D1 Datasheet
204Kb / 8P
   FETKY??MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V)
IRF7526D1 IRF-IRF7526D1 Datasheet
120Kb / 8P
   FETKY??MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
IRF7322D1 IRF-IRF7322D1 Datasheet
174Kb / 8P
   MOSFET Schottky Diode ( VDSS = -20V , RDS(on) = 0.058W , Schottky Vf = 0.39V )
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
   Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF5803D2 IRF-IRF5803D2 Datasheet
127Kb / 11P
   FETKY??MOSFET & Schottky Diode(Vdss=-40V, Rds(on)=112ohm)
IRF7353D2PBF IRF-IRF7353D2PBF Datasheet
122Kb / 8P
   MOSFET / Schottky Diode (VDSS = 30V , RDS(on) = 0.029廓 , Schottky VF = 0.52V)
IRF7506 IRF-IRF7506 Datasheet
103Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.27ohm)
IRL3103D1S IRF-IRL3103D1S Datasheet
126Kb / 7P
   FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com