전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7603 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRF7603
상세설명  Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7603 데이터시트(HTML) 8 Page - International Rectifier

  IRF7603 Datasheet HTML 1Page - International Rectifier IRF7603 Datasheet HTML 2Page - International Rectifier IRF7603 Datasheet HTML 3Page - International Rectifier IRF7603 Datasheet HTML 4Page - International Rectifier IRF7603 Datasheet HTML 5Page - International Rectifier IRF7603 Datasheet HTML 6Page - International Rectifier IRF7603 Datasheet HTML 7Page - International Rectifier IRF7603 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7603
Tape & Reel Information
Micro8
Dimensions are shown in millimeters (inches)
330. 00
(12.992)
M AX.
14.40 ( . 566 )
12.40 ( . 488 )
NO TE S :
1. CO NT RO LL IN G D I M E NS IO N : M I LL IM E T ER .
2. OU T LIN E C O N F OR M S T O EIA-481 & EIA-541.
F E E D DIRECTIO N
TE RMIN A L NUMB E R 1
12 .3 ( .4 8 4 )
11 .7 ( .4 6 1 )
8. 1 ( . 31 8 )
7. 9 ( . 31 2 )
N O TES:
1 . O U TL IN E CO N FO R M S TO EIA- 48 1 & EIA -5 4 1.
2 . CO NTRO L LIN G DIM E NS IO N : M IL LIM E TE R .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97


유사한 부품 번호 - IRF7603

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7603PBF IRF-IRF7603PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF7603

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7601 IRF-IRF7601 Datasheet
116Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.035ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
IRLML2803 IRF-IRLML2803 Datasheet
191Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com