전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7703 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7703
상세설명  Power MOSFET(Vdss=-40V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7703 데이터시트(HTML) 6 Page - International Rectifier

  IRF7703 Datasheet HTML 1Page - International Rectifier IRF7703 Datasheet HTML 2Page - International Rectifier IRF7703 Datasheet HTML 3Page - International Rectifier IRF7703 Datasheet HTML 4Page - International Rectifier IRF7703 Datasheet HTML 5Page - International Rectifier IRF7703 Datasheet HTML 6Page - International Rectifier IRF7703 Datasheet HTML 7Page - International Rectifier IRF7703 Datasheet HTML 8Page - International Rectifier IRF7703 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7703
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
3.0
5.0
7.0
9.0
11.0
13.0
15.0
-VGS, Gate -to -Source Voltage (V)
0.01
0.02
0.03
0.04
0.05
ID = -6.0A
VGS = -10V
0
5
10
15
20
25
-ID , Drain Current (A)
0.015
0.020
0.025
0.030
0.035
0.040
VGS = -4.5V


유사한 부품 번호 - IRF7703

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7703GPBF IRF-IRF7703GPBF Datasheet
243Kb / 9P
   HEXFETPower MOSFET Ultra Low On-Resistance
IRF7703PBF IRF-IRF7703PBF Datasheet
243Kb / 9P
   Ultra Low On-Resistance
More results

유사한 설명 - IRF7703

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF7704 IRF-IRF7704 Datasheet
193Kb / 8P
   Power MOSFET(Vdss=-40V)
IRF5804 IRF-IRF5804 Datasheet
99Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF7468 IRF-IRF7468 Datasheet
232Kb / 8P
   Power MOSFET(Vdss=40V, Id=9.4A)
IRF7469 IRF-IRF7469 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=40V, Id=9.0A)
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com