전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7726 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7726
상세설명  Power MOSFET(Vdss=-30V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7726 데이터시트(HTML) 6 Page - International Rectifier

  IRF7726 Datasheet HTML 1Page - International Rectifier IRF7726 Datasheet HTML 2Page - International Rectifier IRF7726 Datasheet HTML 3Page - International Rectifier IRF7726 Datasheet HTML 4Page - International Rectifier IRF7726 Datasheet HTML 5Page - International Rectifier IRF7726 Datasheet HTML 6Page - International Rectifier IRF7726 Datasheet HTML 7Page - International Rectifier IRF7726 Datasheet HTML 8Page - International Rectifier IRF7726 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7726
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
10 V
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-VGS, Gate -to -Source Voltage (V)
0.010
0.020
0.030
0.040
0.050
0.060
0.070
ID = -7.0A
0
1020304050
60
-ID , Drain Current ( A )
0.000
0.040
0.080
0.120
VGS = -4.5V
VGS = -10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors


유사한 부품 번호 - IRF7726

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7726PBF IRF-IRF7726PBF Datasheet
128Kb / 10P
   HEXFET Power MOSFET
IRF7726PBF IRF-IRF7726PBF Datasheet
133Kb / 10P
   Ultra Low On-Resistance
IRF7726PBF IRF-IRF7726PBF_15 Datasheet
133Kb / 10P
   Ultra Low On-Resistance
IRF7726TR IRF-IRF7726TR Datasheet
97Kb / 9P
   Ultra Low On-Resistance
More results

유사한 설명 - IRF7726

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
   Power MOSFET(Vdss=-30V)
IRLML5203 IRF-IRLML5203 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7509 IRF-IRF7509 Datasheet
217Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF9952 IRF-IRF9952 Datasheet
134Kb / 10P
   Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com