전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPH-25A 데이터시트(PDF) 2 Page - Topstek Inc.

부품명 TPH-25A
상세설명  Highly reliable Hall Effect device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPSTEK [Topstek Inc.]
홈페이지  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TPH-25A 데이터시트(HTML) 2 Page - Topstek Inc.

  TPH-25A Datasheet HTML 1Page - Topstek Inc. TPH-25A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Topstek Current Transducers TPH25A .. TPH250A
- 95 -
www.topstek.com
TPH
V080622
7/1/2008
Output C
+15V
Output A
Output B
Pin Assignment
GND
-15V
Positive current flow direction
TPH100A
08265
Appearance, dimensions and pin identification
All dimensions in mm ±0.2, holes –0, +0.2 except otherwise noted.


유사한 부품 번호 - TPH-25A

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com