전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9Z24NL 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF9Z24NL
상세설명  Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z24NL 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF9Z24NL Datasheet HTML 2Page - International Rectifier IRF9Z24NL Datasheet HTML 3Page - International Rectifier IRF9Z24NL Datasheet HTML 4Page - International Rectifier IRF9Z24NL Datasheet HTML 5Page - International Rectifier IRF9Z24NL Datasheet HTML 6Page - International Rectifier IRF9Z24NL Datasheet HTML 7Page - International Rectifier IRF9Z24NL Datasheet HTML 8Page - International Rectifier IRF9Z24NL Datasheet HTML 9Page - International Rectifier IRF9Z24NL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF9Z24NS/L
www.irf.com
9
Package Outline
TO-262 Outline
TO-262
Part Marking Information


유사한 부품 번호 - IRF9Z24NL

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9Z24NL IRF-IRF9Z24NL Datasheet
179Kb / 11P
   Advanced Process Technology
IRF9Z24NLPBF IRF-IRF9Z24NLPBF Datasheet
394Kb / 11P
   HEXFET Power MOSFET
IRF9Z24NLPBF IRF-IRF9Z24NLPBF Datasheet
395Kb / 11P
   Advanced Process Technology
IRF9Z24NLPBF IRF-IRF9Z24NLPBF Datasheet
395Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRF9Z24NL

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com