전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF5210L 데이터시트(PDF) 2 Page - Kersemi Electronic Co., Ltd.

부품명 IRF5210L
상세설명  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF5210L 데이터시트(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF5210L Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF5210L Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF5210
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -21A, VGS = 0V
„
trr
Reverse Recovery Time
–––
170
260
ns
TJ = 25°C, IF = -21A
Qrr
Reverse RecoveryCharge
–––
1.2
1.8
µC
di/dt = -100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.11 –––
V/°C
Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.06
VGS = -10V, ID = -24A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
10
–––
–––
S
VDS = -50V, ID = -21A
–––
–––
-25
µA
VDS = -100V, VGS = 0V
–––
–––
-250
VDS = -80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
180
ID = -21A
Qgs
Gate-to-Source Charge
–––
–––
25
nC
VDS = -80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
97
VGS = -10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
17
–––
VDD = -50V
tr
Rise Time
–––
86
–––
ID = -21A
td(off)
Turn-Off Delay Time
–––
79
–––
RG = 2.5Ω
tf
Fall Time
–––
81
–––
RD = 2.4Ω, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
2700 –––
VGS = 0V
Coss
Output Capacitance
–––
790
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
450
–––
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -21A, di/dt ≤ -480A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ V
DD = -25V, starting TJ = 25°C, L = 3.5mH
RG = 25Ω, IAS = -21A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
-40
-140
A
S
D
G
S
D
G
2014-8-10
2
www.kersemi.com


유사한 부품 번호 - IRF5210L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5210L IRF-IRF5210L Datasheet
186Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
logo
Inchange Semiconductor ...
IRF5210L ISC-IRF5210L Datasheet
272Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF5210LPBF IRF-IRF5210LPBF Datasheet
696Kb / 10P
   HEXFET Power MOSFET
IRF5210LPBF IRF-IRF5210LPBF Datasheet
316Kb / 10P
   Advanced Process Technology
More results

유사한 설명 - IRF5210L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com