전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9Z24L 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF9Z24L
상세설명  Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z24L 데이터시트(HTML) 4 Page - International Rectifier

  IRF9Z24L Datasheet HTML 1Page - International Rectifier IRF9Z24L Datasheet HTML 2Page - International Rectifier IRF9Z24L Datasheet HTML 3Page - International Rectifier IRF9Z24L Datasheet HTML 4Page - International Rectifier IRF9Z24L Datasheet HTML 5Page - International Rectifier IRF9Z24L Datasheet HTML 6Page - International Rectifier IRF9Z24L Datasheet HTML 7Page - International Rectifier IRF9Z24L Datasheet HTML 8Page - International Rectifier IRF9Z24L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF9Z24S/L


유사한 부품 번호 - IRF9Z24L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRF9Z24L VISHAY-IRF9Z24L Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
logo
Kersemi Electronic Co.,...
IRF9Z24L KERSEMI-IRF9Z24L Datasheet
825Kb / 8P
   Advanced Process Technology
logo
Vishay Siliconix
IRF9Z24LPBF VISHAY-IRF9Z24LPBF Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 03-Jun-08
More results

유사한 설명 - IRF9Z24L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI644G IRF-IRFI644G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A)
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com