전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB9N60 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFB9N60
상세설명  Power MOSFET(Vdss=600V, Rds(on)=0.75ohm, Id=9.2A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB9N60 데이터시트(HTML) 7 Page - International Rectifier

  IRFB9N60 Datasheet HTML 1Page - International Rectifier IRFB9N60 Datasheet HTML 2Page - International Rectifier IRFB9N60 Datasheet HTML 3Page - International Rectifier IRFB9N60 Datasheet HTML 4Page - International Rectifier IRFB9N60 Datasheet HTML 5Page - International Rectifier IRFB9N60 Datasheet HTML 6Page - International Rectifier IRFB9N60 Datasheet HTML 7Page - International Rectifier IRFB9N60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFB9N60A
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


유사한 부품 번호 - IRFB9N60

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFB9N60A VISHAY-IRFB9N60A Datasheet
302Kb / 9P
   Power MOSFET
Rev. D, 02-May-16
IRFB9N60A VISHAY-IRFB9N60A Datasheet
303Kb / 9P
   Power MOSFET
Rev. D, 02-May-16
logo
International Rectifier
IRFB9N60A IRF-IRFB9N60A Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
logo
Inchange Semiconductor ...
IRFB9N60A ISC-IRFB9N60A Datasheet
329Kb / 2P
   iscN-Channel MOSFET Transistor
logo
International Rectifier
IRFB9N60APBF IRF-IRFB9N60APBF Datasheet
160Kb / 9P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFB9N60

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFIB6N60A IRF-IRFIB6N60A Datasheet
149Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=0.75ohm, Id=5.5A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFBC20 IRF-IRFBC20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A)
IRFPC48 IRF-IRFPC48 Datasheet
214Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.82ohm, Id=8.9A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFIBC30G IRF-IRFIBC30G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com