전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFBC40A 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFBC40A
상세설명  Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFBC40A 데이터시트(HTML) 2 Page - International Rectifier

  IRFBC40A Datasheet HTML 1Page - International Rectifier IRFBC40A Datasheet HTML 2Page - International Rectifier IRFBC40A Datasheet HTML 3Page - International Rectifier IRFBC40A Datasheet HTML 4Page - International Rectifier IRFBC40A Datasheet HTML 5Page - International Rectifier IRFBC40A Datasheet HTML 6Page - International Rectifier IRFBC40A Datasheet HTML 7Page - International Rectifier IRFBC40A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFBC40A
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
3.4
–––
–––
S
VDS = 50V, ID = 3.7A
Qg
Total Gate Charge
–––
–––
42
ID = 6.2A
Qgs
Gate-to-Source Charge
–––
–––
10
nC
VDS = 480V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
20
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
13
–––
VDD = 300V
tr
Rise Time
–––
23
–––
ID = 6.2A
td(off)
Turn-Off Delay Time
–––
31
–––
RG = 9.1Ω
tf
Fall Time
–––
18
–––
RD = 47Ω,See Fig. 10
„
Ciss
Input Capacitance
–––
1036 –––
VGS = 0V
Coss
Output Capacitance
–––
136
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
7.0
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
1487 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
36
–––
VGS = 0V, VDS = 480V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
48
–––
VGS = 0V, VDS = 0V to 480V
…
Static @ TJ = 25°C (unless otherwise specified)
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
570
mJ
IAR
Avalanche Current

–––
6.2
A
EAR
Repetitive Avalanche Energy

–––
13
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 6.2A, VGS = 0V
„
trr
Reverse Recovery Time
–––
431
647
ns
TJ = 25°C, IF = 6.2A
Qrr
Reverse RecoveryCharge
–––
1.8
2.8
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
6.2
25
A
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.0
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
62
Thermal Resistance
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.66
–––
V/°C
Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
1.2
VGS = 10V, ID = 3.7A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 600V, VGS = 0V
–––
–––
250
VDS = 480V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current


유사한 부품 번호 - IRFBC40A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFBC40A VISHAY-IRFBC40A Datasheet
151Kb / 8P
   Power MOSFET
S-81262-Rev. B, 07-Jul-08
logo
Inchange Semiconductor ...
IRFBC40A ISC-IRFBC40A Datasheet
328Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBC40A VISHAY-IRFBC40A Datasheet
284Kb / 9P
   Power MOSFET
02-Oct-12
logo
International Rectifier
IRFBC40APBF IRF-IRFBC40APBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBC40APBF VISHAY-IRFBC40APBF Datasheet
284Kb / 9P
   Power MOSFET
02-Oct-12
More results

유사한 설명 - IRFBC40A

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
   HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com