전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCL1810A 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCL1810A
상세설명  Single 1.8 V Supply
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810A 데이터시트(HTML) 4 Page - Texas Instruments

  CDCL1810A Datasheet HTML 1Page - Texas Instruments CDCL1810A Datasheet HTML 2Page - Texas Instruments CDCL1810A Datasheet HTML 3Page - Texas Instruments CDCL1810A Datasheet HTML 4Page - Texas Instruments CDCL1810A Datasheet HTML 5Page - Texas Instruments CDCL1810A Datasheet HTML 6Page - Texas Instruments CDCL1810A Datasheet HTML 7Page - Texas Instruments CDCL1810A Datasheet HTML 8Page - Texas Instruments CDCL1810A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
NC
AV
DD
CLKP
CLKN
AV
DD
YP0
YN0
V
DD
YP1
YN1
V
DD
V
SS
ADD0
V
DD
YN7
YP7
V
DD
YN6
YP6
V
DD
YN5
YP5
V
DD
SDA
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
CDCL1810A
CDCL1810A
SLLSEL1 – NOVEMBER 2014
www.ti.com
7 Pin Configuration and Functions
48-Pin
RGZ Package
(Top View)
NOTE: Exposed thermal pad must be soldered to VSS.
The CDCL1810A is available in a 48-pin VQFN (RGZ) package with a pin pitch of 0,5mm. The exposed thermal
pad serves both thermal and electrical grounding purposes.
NOTE
The device must be soldered to ground (VSS) using as many ground vias as possible. The
device performance will be severely impacted if the exposed thermal pad is not grounded
appropriately.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CDCL1810A


유사한 부품 번호 - CDCL1810A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
[Old version datasheet]   Output, High-Performance Clock Distributor
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810RGZR TI1-CDCL1810RGZR Datasheet
980Kb / 33P
[Old version datasheet]   Output, High-Performance Clock Distributor
CDCL1810RGZRG4 TI-CDCL1810RGZRG4 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
More results

유사한 설명 - CDCL1810A

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
   1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
   Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
logo
Texas Instruments
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Analog Devices
AD6643 AD-AD6643 Datasheet
1Mb / 36P
   Dual IF Receiver 1.8 V supply voltages Internal ADC voltage reference
REV. 0
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com