전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFBF20S 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFBF20S
상세설명  Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFBF20S 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRFBF20S Datasheet HTML 2Page - International Rectifier IRFBF20S Datasheet HTML 3Page - International Rectifier IRFBF20S Datasheet HTML 4Page - International Rectifier IRFBF20S Datasheet HTML 5Page - International Rectifier IRFBF20S Datasheet HTML 6Page - International Rectifier IRFBF20S Datasheet HTML 7Page - International Rectifier IRFBF20S Datasheet HTML 8Page - International Rectifier IRFBF20S Datasheet HTML 9Page - International Rectifier IRFBF20S Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFBF20S/L
Peak Diode Recovery dv/dt Test Circuit
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14.For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


유사한 부품 번호 - IRFBF20S

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFBF20S VISHAY-IRFBF20S Datasheet
940Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
IRFBF20S VISHAY-IRFBF20S Datasheet
312Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFBF20SPBF IRF-IRFBF20SPBF Datasheet
373Kb / 10P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBF20SPBF VISHAY-IRFBF20SPBF Datasheet
940Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
IRFBF20SPBF VISHAY-IRFBF20SPBF Datasheet
312Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFBF20S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFIBF20G IRF-IRFIBF20G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.2A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFR310 IRF-IRFR310 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
IRFIBC20G IRF-IRFIBC20G Datasheet
167Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=1.7A)
IRFPF40 IRF-IRFPF40 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=2.5ohm, Id=4.7A)
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFPF50 IRF-IRFPF50 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
IRFIBF30G IRF-IRFIBF30G Datasheet
167Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
IRFBF30 IRF-IRFBF30 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com