전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL5010 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL5010
상세설명  Supply Voltage from 1.8V to 5.5V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010 데이터시트(HTML) 2 Page - Texas Instruments

  TPL5010 Datasheet HTML 1Page - Texas Instruments TPL5010 Datasheet HTML 2Page - Texas Instruments TPL5010 Datasheet HTML 3Page - Texas Instruments TPL5010 Datasheet HTML 4Page - Texas Instruments TPL5010 Datasheet HTML 5Page - Texas Instruments TPL5010 Datasheet HTML 6Page - Texas Instruments TPL5010 Datasheet HTML 7Page - Texas Instruments TPL5010 Datasheet HTML 8Page - Texas Instruments TPL5010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPL5010
SNAS651 – JANUARY 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ......................................... 8
1
Features .................................................................. 1
8.3
Feature Description................................................... 8
2
Applications ........................................................... 1
8.4
Device Functional Modes.......................................... 9
3
Description ............................................................. 1
8.5
Programming ............................................................ 9
4
Simplified Application Schematic ........................ 1
9
Application and Implementation ........................ 15
5
Revision History..................................................... 2
9.1
Application Information............................................ 15
6
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 15
7
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 17
7.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 17
7.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 17
7.3
Recommended Operating Ratings ........................... 4
11.2
Layout Example .................................................... 17
7.4
Thermal Information ................................................. 4
12
Device and Documentation Support ................. 18
7.5
Electrical Characteristics........................................... 5
12.1
Trademarks ........................................................... 18
7.6
Timing Requirements ............................................... 6
12.2
Electrostatic Discharge Caution ............................ 18
7.7
Typical Characteristics .............................................. 7
12.3
Glossary ................................................................ 18
8
Detailed Description .............................................. 8
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................... 8
Information ........................................................... 18
5 Revision History
DATE
REVISION
NOTES
January 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPL5010


유사한 부품 번호 - TPL5010

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010 TI1-TPL5010 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010DDCR TI1-TPL5010DDCR Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010DDCT TI1-TPL5010DDCT Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
More results

유사한 설명 - TPL5010

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
logo
Maxim Integrated Produc...
MAX44265EVKIT MAXIM-MAX44265EVKIT Datasheet
849Kb / 7P
   1.8V to 5.5V Supply Voltage Range
19-5782; Rev 0; 3/11
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
   1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX9017AEVKIT MAXIM-MAX9017AEVKIT Datasheet
602Kb / 7P
   1.8V to 5.5V Supply Voltage Range Across VDD and VSS
Rev 0; 11/17
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
logo
Rohm
BR25XX0-10XU-1.8 ROHM-BR25XX0-10XU-1.8 Datasheet
347Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR95XX0-RXX6TP ROHM-BR95XX0-RXX6TP Datasheet
320Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR24CXX-10XU-1.8 ROHM-BR24CXX-10XU-1.8 Datasheet
309Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR93CXX-10XU-1.8 ROHM-BR93CXX-10XU-1.8 Datasheet
283Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com