전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLZ3V0 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SLZ3V0
상세설명  Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLZ3V0 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SLZ3V0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLZ3V0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLZ3V0 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLZ3V0 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SLZ3V0 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SLZXXX Series
500 mW,
SOD-80
Glass Zener Voltage Regulators
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
27-Jul-2011 Rev. A
Page 1 of 5
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Zener voltage range 2.0 to 39 volts (Graded)
Surface device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion resistant and
terminals are readily solderable
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-80
2.5K
7 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
500
mW
Operating Junction and Storage Temperature Range
TJ, TSTG
175 , -65~175
°C
Notes:
1. These ratings are limiting values above which the serviceability of the diode may be impaired.
SOD-80
B
A
C
C
REF.
Millimeter
Min.
Max.
A
3.30
3.70
B
1.40
1.60
C
0.28
0.50


유사한 부품 번호 - SLZ3V0

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SLZ3V0 SECOS-SLZ3V0 Datasheet
296Kb / 5P
   500 mW, SOD-80 Glass Zener Voltage Regulators
More results

유사한 설명 - SLZ3V0

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com