전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLZ3V0 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SLZ3V0
상세설명  Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLZ3V0 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SLZ3V0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLZ3V0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLZ3V0 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLZ3V0 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SLZ3V0 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SLZXXX Series
500 mW,
SOD-80
Glass Zener Voltage Regulators
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
27-Jul-2011 Rev. A
Page 4 of 5
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Type Number
Class
Zener Voltage Range
1
Maximum Zener
Impedance
2
Maximum Reverse
Leakage Current
1
VZ@ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR@ VR
VR
Min(V)
Max(V)
mA
mA
µA
V
SLZ24V
A
22.05
23.18
5
29.0
170
0.5
0.133
19
B
22.61
23.77
C
23.12
24.31
D
23.63
24.85
SLZ27V
A
24.26
25.52
5
38.0
210
0.5
0.133
21
B
24.97
26.26
C
25.63
26.95
D
26.29
27.64
SLZ30V
A
26.99
28.39
5
46.0
210
0.5
0.133
23
B
27.7
29.13
C
28.36
29.82
D
29.02
30.51
SLZ33V
A
29.68
31.22
5
55.0
210
0.5
0.133
25
B
30.32
31.88
C
30.9
32.5
D
31.49
33.11
SLZ36V
A
32.14
33.79
5
63.0
210
0.5
0.133
27
B
32.79
34.49
C
33.4
35.13
D
34.01
35.77
SLZ39V
A
34.68
36.47
5
72.0
210
0.5
0.133
30
B
35.36
37.19
C
36
37.85
D
36.63
38.52
Notes:
1. The zener voltage subdivision (VZ) is measured 40mS after diode is powered up.
2. The operating resistance (Zzt and Zzk) is measured by superimposing a minute alternation current in the regulated current (Iz).
3. When ordering, please specify grade A, B, C or D.


유사한 부품 번호 - SLZ3V0

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SLZ3V0 SECOS-SLZ3V0 Datasheet
296Kb / 5P
   500 mW, SOD-80 Glass Zener Voltage Regulators
More results

유사한 설명 - SLZ3V0

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
   Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com