전자부품 데이터시트 검색엔진 |
|
BTB16-700BW 데이터시트(PDF) 3 Page - Kersemi Electronic Co., Ltd. |
|
BTB16-700BW 데이터시트(HTML) 3 Page - Kersemi Electronic Co., Ltd. |
3 / 6 page Table 4. Electrical characteristics (Tj = 25 °C, unless otherwise specified) standard (4 quadrants) Symbol Test conditions Quadrant BTA16 / BTB16 Unit CB IGT (1) 1. Minimum IGT is guaranted at 5% of IGT max VD = 12 V RL = 33 Ω I - II - III IV Max. 25 50 50 100 mA VGT ALL Max. 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125 °C ALL Min. 0.2 V IH (2) 2. For both polarities of A2 referenced to A1 IT = 500 mA Max. 25 50 mA IL IG = 1.2 IGT I - III - IV Max. 40 60 mA II 80 120 dV/dt (2) VD = 67 %VDRM gate open Tj = 125 °C Min. 200 400 V/µs (dV/dt)c (2) (dI/dt)c = 7 A/ms Tj = 125 °C Min. 5 10 V/µs Table 5. Static characteristics Symbol Test conditions Value Unit VT (2) ITM = 22.5 A tp = 380 µs Tj = 25 °C Max. 1.55 V Vto (2) Threshold voltage Tj = 125 °C Max. 0.85 V Rd (2) Dynamic resistance Tj = 125 °C Max. 25 m Ω IDRM IRRM VDRM = VRRM Tj = 25 °C Max. 5µA Tj = 125 °C 2 mA Table 6. Thermal resistance Symbol Parameter Value Unit Rth(j-c) Junction to case (AC) D2PAK / TO-220AB 1.2 °C/W TO-220AB insulated 2.1 Rth(j-a) Junction to ambient S(1) = 1 cm² 1. S = Copper surface under tab D2PAK 45 °C/W TO-220AB / TO-220AB insulated 60 BTA16, BTB16 T1610, T1635 2014-6-9 3 www.kersemi.com |
유사한 부품 번호 - BTB16-700BW |
|
유사한 설명 - BTB16-700BW |