전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA08-600CW 데이터시트(PDF) 2 Page - Kersemi Electronic Co., Ltd.

부품명 BTA08-600CW
상세설명  SENSITIVE GATE TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA08-600CW 데이터시트(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  BTA08-600CW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA08-600CW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA08-600CW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA08-600CW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c) DC Junction to case for DC
BTA
4.4
°C/W
BTB
3.2
Rth (j-c) AC Junction to case for 360
° conduction angle
( F= 50 Hz)
BTA
3.3
°C/W
BTB
2.4
Symbol
Test Conditions
Quadrant
Suffix
Unit
SA
IGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
I-II-III
MAX
10
10
mA
IV
MAX
10
25
VGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
I-II-III-IV
MAX
1.5
V
VGD
VD=VDRM RL=3.3kΩ
Tj=110
°C
I-II-III-IV
MIN
0.2
V
tgt
VD=VDRM IG = 40mA
dIG/dt = 0.5A/µs
Tj=25
°C
I-II-III-IV
TYP
2
µs
IL
IG= 1.2 IGT
Tj=25
°C
I-III-IV
TYP
20
20
mA
II
40
40
IH *IT= 100mA gate open
Tj=25
°C
MAX
25
25
mA
VTM *ITM= 11A tp= 380µs
Tj=25
°C
MAX
1.75
V
IDRM
IRRM
VDRM Rated
VRRM Rated
Tj=25
°C
MAX
0.01
mA
Tj=110
°C
MAX
0.75
dV/dt *
Linear slope up to VD=67%VDRM
gate open
Tj=110
°C
MIN
10
10
V/
µs
(dV/dt)c *
(dI/dt)c= 3.5A/ms
Tj=110
°C
TYP
5
5
V/
µs
* For either polarity of electrode A2 voltage with reference to electrode A1.
PG (AV) =1W
PGM = 10W (tp = 20 µs)
IGM = 4A (tp = 20 µs)
VGM = 16V (tp = 20 µs).
ELECTRICAL CHARACTERISTICS
BTA08 S/A / BTB08 S/A
THERMAL RESISTANCES
2014-6-9
1
www.kersemi.com


유사한 부품 번호 - BTA08-600CW

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA08-600CW STMICROELECTRONICS-BTA08-600CW Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
Inchange Semiconductor ...
BTA08-600CW ISC-BTA08-600CW Datasheet
120Kb / 1P
   isc Triacs
logo
ON Semiconductor
BTA08-600CW3G ONSEMI-BTA08-600CW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
logo
STMicroelectronics
BTA08-600CWRG STMICROELECTRONICS-BTA08-600CWRG Datasheet
129Kb / 11P
   8A TRIACS
BTA08-600CWRG STMICROELECTRONICS-BTA08-600CWRG Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
More results

유사한 설명 - BTA08-600CW

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com