전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM3604100-1 데이터시트(PDF) 1 Page - DB Unlimited.

부품명 SM3604100-1
상세설명  Update Storage / Op Temps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBUNLIMITED [DB Unlimited.]
홈페이지  http://www.dbunlimitedco.com/
Logo DBUNLIMITED - DB Unlimited.

SM3604100-1 데이터시트(HTML) 1 Page - DB Unlimited.

  SM3604100-1 Datasheet HTML 1Page - DB Unlimited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit
Version
Date
Approved
1
2/5/2014
J.S.
(Hz)
2
12/16/2014
C.E.
(Hz)
(dBA)
(Ohm)
(W)
(W)
Drawn by
Date
Checked by
Date
Approved by
Date
°C
G.W.
1/27/2014
C.E.
2/5/2014
J.S.
2/5/2014
°C
(g)
Mount Type
Max Power
Weight
5.5
-40 ~ +85
Flush Mount
-40 ~ +85
Storage Temperature
Revision History
Specifications
Frequency Range
SPL @ 10cm
Operating Temperature
SM3604100-1
High Temp Dynamic Speaker
Shape
Description
Nominal Power
Cone Material
Resonant Frequency
Impedance
1) All dimensions are in mm unless otherwise noted
Value
Round
0.25
2) All parts meet RoHS
Polyetherimide
Description
Released from Engineering
Notes
100
86
450 ~ 5,000
450
0.5
Update Storage / Op Temps
sales@dbunlimitedco.com | www.dbunlimitedco.com
©2014, DB Unlimited
Sheet
1 of 1


유사한 부품 번호 - SM3604100-1

제조업체부품명데이터시트상세설명
logo
DB Unlimited.
SM360416-1 DBUNLIMITED-SM360416-1 Datasheet
796Kb / 1P
   Released from Engineering
SM360416-2 DBUNLIMITED-SM360416-2 Datasheet
773Kb / 1P
   Released from Engineering
More results

유사한 설명 - SM3604100-1

제조업체부품명데이터시트상세설명
logo
Intel Corporation
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
   Specification Update
logo
Tyco Electronics
C-1513168 MACOM-C-1513168 Datasheet
86Kb / 1P
   update pn identification
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
   Product/Process Bulletin Update
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
logo
MediaTek Inc.
MT6628Q MEDIATEK-MT6628Q Datasheet
659Kb / 26P
   Update WiFi standard name
Version: 1.3 2012-06-05
logo
AVX Corporation
11-9159 AVX-11-9159 Datasheet
249Kb / 2P
   Solid State Lighting Connector Update
logo
ATMEL Corporation
AT91SAM7S128C-AU ATMEL-AT91SAM7S128C-AU Datasheet
53Kb / 2P
   AT91SAM7S256 and AT91SAMS128 Errata Update
logo
Intel Corporation
82546GB INTEL-82546GB Datasheet
201Kb / 16P
   Gigabit Ethernet Controller Specification Update
logo
Source Photonics, Inc.
SPP-8F-LR-IDFP SOURCE-SPP-8F-LR-IDFP Datasheet
239Kb / 7P
   Support CPRI application update to 6.144G
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com