전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3356-T1B 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 2SC3356-T1B
상세설명  NPN Silicon RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3356-T1B 데이터시트(HTML) 5 Page - Renesas Technology Corp

  2SC3356-T1B Datasheet HTML 1Page - Renesas Technology Corp 2SC3356-T1B Datasheet HTML 2Page - Renesas Technology Corp 2SC3356-T1B Datasheet HTML 3Page - Renesas Technology Corp 2SC3356-T1B Datasheet HTML 4Page - Renesas Technology Corp 2SC3356-T1B Datasheet HTML 5Page - Renesas Technology Corp 2SC3356-T1B Datasheet HTML 6Page - Renesas Technology Corp 2SC3356-T1B Datasheet HTML 7Page - Renesas Technology Corp 2SC3356-T1B Datasheet HTML 8Page - Renesas Technology Corp 2SC3356-T1B Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SC3356
R09DS0021EJ0300 Rev.3.00
Page 5 of 7
Jun 28, 2011
SMITH CHART
S21e-FREQUENCY
CONDITION : VCE = 10 V, IC = 20 mA
90˚
30˚
–30˚
60˚
–60˚
180˚
150˚
–150˚
120˚
–120˚
–90˚
5
10
15
20
S21e
0.2 GHz
2.0 GHz
S12e-FREQUENCY
CONDITION : VCE = 10 V, IC = 20 mA
90˚
30˚
–30˚
60˚
–60˚
180˚
150˚
–150˚
120˚
–120˚
–90˚
0.05
0.1
0.15
0.2 0.25
S12e
0.2 GHz
2.0 GHz
S11e, S22e-FREQUENCY
CONDITION : VCE = 10 V, 200 MHz Step
60
50
70
80
90
100
110
120
130
0.18
0.16
0.14
0.12
0.10
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.32
0.34
0.36
0.38
0.40
0.42
0.33
0.35
0.37
0.39
0.41
0.43
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
0.3
0.2
0.1
0.4
50
10
6.0
4.0
3.0
20
0.2 GHz
2.0 GHz
2.0 GHz
0.2 GHz
IC = 20 mA
S22e
S11e
IC = 20 mA
IC = 5 mA
IC = 5 mA
0.2
0.4
0.6
0.8
1.0
0.2
0.8
0.6
0.4


유사한 부품 번호 - 2SC3356-T1B

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SC3356-T1B RENESAS-2SC3356-T1B Datasheet
189Kb / 9P
   NPN Silicon RF Transistor
2SC3356-T1B-A RENESAS-2SC3356-T1B-A Datasheet
189Kb / 9P
   NPN Silicon RF Transistor
More results

유사한 설명 - 2SC3356-T1B

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com