전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2961-SMA 데이터시트(PDF) 3 Page - KR Electronics, Inc.

부품명 2961-SMA
상세설명  300 MHz minimum 1 dB BW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KR [KR Electronics, Inc.]
홈페이지  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2961-SMA 데이터시트(HTML) 3 Page - KR Electronics, Inc.

  2961-SMA Datasheet HTML 1Page - KR Electronics, Inc. 2961-SMA Datasheet HTML 2Page - KR Electronics, Inc. 2961-SMA Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2013, KR Electronics, Inc.
2961-SMA , 300 MHz Lowpass, Rev 0, March 28, 2013
Parameter
Specification
Filter type
Lowpass
End of Passband < 1 dB
300 MHz
Typical 1 dB at 360 MHz
Rejection 500 MHz to 1 GHz
40 dB min
Typical 40 dB at 445 MHz
Group Delay Variation to 280 MHz
0.50 nsec max
Source and Load
50

KR Electronics 2961-SMA
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Notes:
1. Dimensions in inches
2. Rectangular case
3. Also available in a surface mount package


유사한 부품 번호 - 2961-SMA

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
2961 ALLEGRO-2961 Datasheet
94Kb / 12P
   HIGH-CURRENT HALF-BRIDGE PRINTHEAD/MOTOR DRIVER.WITH INTERNAL CURRENT SENSING AND CONTROL
logo
KR Electronics, Inc.
2961 KR-2961 Datasheet
59Kb / 3P
   300 MHz minimum 1 dB BW
logo
Christian Bürkert GmbH ...
2961 BURKERT-2961 Datasheet
1,009Kb / 17P
   Manually operated 2-way globe control valve
18.03.2024
2961 BURKERT-2961 Datasheet
837Kb / 14P
   Manually operated 2/2-way angle seat valve
15.01.2024
2961 BURKERT-2961 Datasheet
976Kb / 15P
   Manually operated 2/2-way globe valve
15.01.2024
More results

유사한 설명 - 2961-SMA

제조업체부품명데이터시트상세설명
logo
KR Electronics, Inc.
2961 KR-2961 Datasheet
59Kb / 3P
   300 MHz minimum 1 dB BW
3070-SMA KR-3070-SMA Datasheet
99Kb / 3P
   200 MHz minimum 3 dB BW
3070 KR-3070 Datasheet
60Kb / 3P
   200 MHz minimum 3 dB BW
2969-SMA KR-2969-SMA Datasheet
64Kb / 3P
   10 MHz minimum 1.5 dB BW
2969 KR-2969 Datasheet
47Kb / 3P
   10 MHz minimum 1.5 dB BW
logo
National Semiconductor ...
CGS74CT2524 NSC-CGS74CT2524 Datasheet
100Kb / 6P
   1 to 4 Minimum Skew (300 ps) Clock Driver
logo
NXP Semiconductors
AN11293 NXP-AN11293 Datasheet
372Kb / 19P
   BGA3012 - 5 MHz to 300 MHz 12 dB reverse amplifier
Rev. 1-14 February 2013
logo
Texas Instruments
CGS74CT2524 TI-CGS74CT2524 Datasheet
349Kb / 8P
[Old version datasheet]   CGS74CT2524 1 to 4 Minimum Skew (300 ps) Clock Driver
logo
National Semiconductor ...
CGS74LCT2524 NSC-CGS74LCT2524 Datasheet
91Kb / 5P
   1 to 4 Minimum Skew (300 ps) 3V Clock Driver
logo
NXP Semiconductors
AN11294 NXP-AN11294 Datasheet
371Kb / 19P
   BGA3015 - 5 MHz to 300 MHz 15 dB reverse amplifier
Rev. 1-14 February 2013
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com