전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD40N03 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSD40N03
상세설명  N-Channel EnhancementMode PowerMos.FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD40N03 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD40N03_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD40N03_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD40N03_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD40N03_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSD40N03_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
The SSD40N03 provide the designer with the best combination
Features
* Repetitive Avalanche Rated
* Dynamic dv/dt Rating
*
Simple Drive Requirement
*
Fast Switching
The TO-252 is universally preferred for all commercial-industrial
surface mount applications and
suited for low voltage applications
of fast switching, ruggedized device design, low on-resistance
and cost-effectiveness.
such as DC/DC converters.
TO-252
S
D
G
Elektronische Bauelemente
SSD40N03
36A, 30V,RDS(ON)21m
N-Channel Enhancement Mode Power Mos.FET
Ω
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Absolute Maximum Ratings
Drain-Source Voltage
0.4
150
36
25
50
-55~+150
Linear Derating Factor
Operating Junction and Storage Temperature Range
Tj, Tstg
Continuous Drain Current,VGS@10V
Continuous Drain Current,VGS@10V
Pulsed Drain Current
Total Power Dissipation
ID@TC=100
ID@TC=25
IDM
PD@TC=25
1
C
o
C
o
C
o
W/ C
C
o
o
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-case
/W
C
Rthj-c
2.5
Thermal Resistance Junction-ambient
/W
C
Rthj-a
Max.
Max.
110
o
o
Gate-Source Voltage
Parameter
Symbol
Ratings
Unit
A
V
V
A
A
W
VDS
VGS
30
± 20
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of
5
RoHS Compliant Product


유사한 부품 번호 - SSD40N03_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
logo
SHENZHEN DOINGTER SEMIC...
SSD40N03 DOINGTER-SSD40N03 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSD40N03 VBSEMI-SSD40N03 Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SSD40N03_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SID9971 SECOS-SID9971 Datasheet
731Kb / 4P
   N-Channel EnhancementMode PowerMos.FET
SID40N03 SECOS-SID40N03_15 Datasheet
733Kb / 5P
   N-Channel EnhancementMode PowerMos.FET
SSD9971 SECOS-SSD9971_15 Datasheet
681Kb / 4P
   N-Channel EnhancementMode PowerMos.FET
SSD9973 SECOS-SSD9973 Datasheet
722Kb / 4P
   N-Channel EnhancementMode PowerMos.FET
SSD9971 SECOS-SSD9971 Datasheet
681Kb / 4P
   N-Channel EnhancementMode PowerMos.FET
SSD9973 SECOS-SSD9973_15 Datasheet
722Kb / 4P
   N-Channel EnhancementMode PowerMos.FET
SID9971 SECOS-SID9971_15 Datasheet
709Kb / 4P
   N-Channel EnhancementMode PowerMos.FET
logo
Fairchild Semiconductor
FDT439N FAIRCHILD-FDT439N Datasheet
289Kb / 8P
   N-Channel 2.5V Specified EnhancementMode Field Effect Transistor
logo
SamHop Microelectronics...
STU419S SAMHOP-STU419S Datasheet
379Kb / 8P
   P-Channel Logic Level EnhancementMode Field E ffect Transistor
ST419S SAMHOP-ST419S Datasheet
379Kb / 8P
   P-Channel Logic Level EnhancementMode Field E ffect Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com