전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD3055 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSD3055
상세설명  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD3055 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSD3055_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD3055_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD3055_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD3055_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSD3055
18A , 30V , RDS(ON) 22
N-Ch Enhancement Mode Power MOSFET
30-Apr-2012 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
N
O
P
G E
F
H
K
J
M
B
TO-252(D-Pack)
3055

RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SSD3055 is the highest performance trench
N-ch MOSFETs with extreme high cell density , which provide
excellent RDS(on) and gate charge for most of the synchronous
buck converter applications .
FEATURES
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
TC=25°C
18
A
Continuous Drain Current @VGS=10V
1
TC=100°C
ID
10
A
Pulsed Drain Current
2
IDM
60
A
Total Power Dissipation
4
TC=25°C
PD
25
W
Single Pulse Avalanche Energy
3
EAS
72
mJ
Single Pulse Avalanche Current
IAS
21
A
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Rating
Maximum Thermal Resistance Junction-Ambient
1
RθJA
110
°C / W
Maximum Thermal Resistance Junction-Case
1
RθJC
5
°C / W

Gate

Source

Drain
Date Code
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.80
J
2.30 REF.
B
5.20
5.50
K
0.64
0.90
C
2.15
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.25
H
0.64
1.20


유사한 부품 번호 - SSD3055_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSD3055 SECOS-SSD3055 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
logo
SHENZHEN DOINGTER SEMIC...
SSD3055 DOINGTER-SSD3055 Datasheet
756Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - SSD3055_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com