전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSE12N65SL 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSE12N65SL
상세설명  N-Ch Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSE12N65SL 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSE12N65SL_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSE12N65SL_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSE12N65SL_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSE12N65SL_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSE12N65SL_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SSE12N65SL
12A , 650V , RDS(ON) 0.8
N-Ch Enhancement Mode Power MOSFET
07-Nov-2013 Rev. A
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
650
-
-
V
VGS=0, ID= 250µA
Gate-Threshold Voltage
VGS(th)
2
-
4
V
VDS=VGS, ID=250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±30V
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=650V, VGS=0
Static Drain-Source On-Resistance
RDS(ON)
-
0.64
0.8
VGS=10V, ID=6A
Total Gate Charge
1.2
Qg
-
24.15
-
Gate-Source Charge
1.2
Qgs
-
7.86
-
Gate-Drain Change
1.2
Qgd
-
7.47
-
nC
ID=12A
VDS=520V
VGS=10V
Turn-on Delay Time
1.2
Td(on)
-
37.67
-
Rise Time
1.2
Tr
-
61.67
-
Turn-off Delay Time
1.2
Td(off)
-
80.33
-
Fall Time
1.2
Tf
-
46.67
-
nS
VDD=325V
ID=12A
RG=25
Input Capacitance
Ciss
-
1476
-
Output Capacitance
Coss
-
152
-
Reverse Transfer Capacitance
Crss
-
4.5
-
pF
VGS =0
VDS=25V
f =1.0MHz
Source-Drain Diode
Diode Forward Voltage
VSD
-
-
1.4
V
IS=12A, VGS=0
Continuous Source Current
IS
-
-
12
A
Pulsed Source Current
ISM
-
-
48
A
Integral Reverse P-N
Junction Diode in the
MOSFET
Reverse Recovery Time
Trr
-
590.61
-
ns
Reverse Recovery Charge
Qrr
-
5.62
-
µC
IS=12A,VGS=0,
dlF/dt=100A/µS
Notes:
1.
Pulse Test: Pulse width ≦300µS, Duty cycle≦2%
2.
Essentially independent of operating temperature.


유사한 부품 번호 - SSE12N65SL_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSE12N65SL SECOS-SSE12N65SL Datasheet
550Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSE12N65SL VBSEMI-SSE12N65SL Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

유사한 설명 - SSE12N65SL_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com