전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSESD05C 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSESD05C
상세설명  Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSESD05C 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSESD05C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSESD05C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSESD05C
150W , 5V
Transient Voltage Suppressors
for ESD Protection (Bi-directional)
21-Oct-2011 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Rating
Symbol
Value
Units
Peak Pulse Power (tp = 8/20 μs)
PPP
150
W
Maximum lead temperature for soldering during 10s
TL
260
°C
Storage Temperature Range
TSTG
-55~155
°C
Operating Temperature Range
TOP
-40~125
°C
Maximum junction temperature
TJ
150
°C
Air discharge
±15
IEC61000-4-2 (ESD)
Contact discharge
±8
KV
IEC61000-4-4 (EFT)
40
A
ESD Voltage
Per Human Body Model
16
KV
ELECTRICAL CHARACTERISTICS
(Ratings at 25°C ambient temperature unless otherwise specified. VF=0.9V at IF=10mA)
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)
@ IT (Note 1)
IT
VC (V)
@ IPP=5A*
VC (V)
@ Max IPP*
IPP
(A)*
PPK
(W)*
C
(pF)
Device
Max
Max
Min
mA
Typ
Max
Max
Max
Typ
SSESD05C
5.0
1.0
5.6
1.0
11.6
18.6
9.4
174
15
Note:
1. Surge current waveform per Figure 1.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25℃.
RATINGS AND CHARACTERISTICS CURVES


유사한 부품 번호 - SSESD05C_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSESD05C SECOS-SSESD05C_11 Datasheet
177Kb / 2P
   150W , 5V Transient Voltage Suppressors for ESD Protection (Bi-directional)
More results

유사한 설명 - SSESD05C_15

제조업체부품명데이터시트상세설명
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com