전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG4407P 데이터시트(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSG4407P
상세설명  P-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4407P 데이터시트(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSG4407P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4407P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4407P_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4407P_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SSG4407P
-15A, -30V, RDS(ON) 9 mΩ
P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
15-Jul-2011 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE


유사한 부품 번호 - SSG4407P_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE Datasheet
130Kb / 2P
   P-Channel Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSG4407PE VBSEMI-SSG4407PE Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE_15 Datasheet
130Kb / 2P
   P-Channel Mode Power MOSFET
More results

유사한 설명 - SSG4407P_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04J SECOS-SSD40P04J Datasheet
313Kb / 3P
   P-Ch Enhancement Mode Power MOSFET
SSG13P03 SECOS-SSG13P03 Datasheet
449Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
   P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
   P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com