전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG9926N 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSG9926N
상세설명  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9926N 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG9926N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9926N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9926N_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9926N_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSG9926N
6.9 A, 20 V, RDS(ON) 30 mΩ
N-Ch Enhancement Mode Power MOSFET
11-Jul-2013 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low RDS(on) trench technology.
Low thermal impedance.
Fast switching speed.
APPLICATIONS
White LED boost converters
Automotive Systems
Industrial DC/DC Conversion Circuits
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
TA = 25°C
6.9
A
Continuous Drain Current
1
TA = 70°C
ID
5.4
A
Pulsed Drain Current
2
IDM
30
A
Continuous Source Current (Diode Conduction)
1
IS
2.8
A
TA = 25°C
2.1
W
Total Power Dissipation
1
T A = 70°C
PD
1.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦10 sec
62.5
°C / W
Thermal Resistance Junction-ambient (Max.)
1
Steady State
RθJA
110
°C / W
Notes
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
SOP-8
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
G
S
S
S
D
D
D
D


유사한 부품 번호 - SSG9926N_15

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SSG9926NX VBSEMI-SSG9926NX Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SSG9926N_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com