전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL3714S 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRL3714S
상세설명  Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL3714S 데이터시트(HTML) 1 Page - International Rectifier

  IRL3714S Datasheet HTML 1Page - International Rectifier IRL3714S Datasheet HTML 2Page - International Rectifier IRL3714S Datasheet HTML 3Page - International Rectifier IRL3714S Datasheet HTML 4Page - International Rectifier IRL3714S Datasheet HTML 5Page - International Rectifier IRL3714S Datasheet HTML 6Page - International Rectifier IRL3714S Datasheet HTML 7Page - International Rectifier IRL3714S Datasheet HTML 8Page - International Rectifier IRL3714S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
36
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
31
A
IDM
Pulsed Drain Current

140
PD @TC = 25°C
Maximum Power Dissipation
ƒ
47
W
PD @TC = 70°C
Maximum Power Dissipation
ƒ
33
W
Linear Derating Factor
0.31
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
www.irf.com
1
06/19/01
IRL3714
IRL3714S
IRL3714L
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
20V
20m
36A
Notes
 through † are on page 11
Absolute Maximum Ratings
D2Pak
IRL3714S
TO-220AB
IRL3714
TO-262
IRL3714L
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.2
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
…
–––
40
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
PD - 94175A


유사한 부품 번호 - IRL3714S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL3714SPBF IRF-IRL3714SPBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
More results

유사한 설명 - IRL3714S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFIZ48N IRF-IRFIZ48N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRF7456 IRF-IRF7456 Datasheet
165Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com