전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL3803 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRL3803
상세설명  Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL3803 데이터시트(HTML) 4 Page - International Rectifier

  IRL3803 Datasheet HTML 1Page - International Rectifier IRL3803 Datasheet HTML 2Page - International Rectifier IRL3803 Datasheet HTML 3Page - International Rectifier IRL3803 Datasheet HTML 4Page - International Rectifier IRL3803 Datasheet HTML 5Page - International Rectifier IRL3803 Datasheet HTML 6Page - International Rectifier IRL3803 Datasheet HTML 7Page - International Rectifier IRL3803 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image


유사한 부품 번호 - IRL3803

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRL3803 ISC-IRL3803 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRL3803L IRF-IRL3803L Datasheet
436Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRL3803LPBF IRF-IRL3803LPBF Datasheet
398Kb / 10P
   HEXFET짰 Power MOSFET
IRL3803LPBF IRF-IRL3803LPBF Datasheet
402Kb / 11P
   Advanced Process Technology
IRL3803PBF IRF-IRL3803PBF Datasheet
2Mb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRL3803

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLP3803 IRF-IRLP3803 Datasheet
295Kb / 8P
   HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com