전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3157 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 2SK3157
상세설명  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3157 데이터시트(HTML) 5 Page - Renesas Technology Corp

  2SK3157_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3157_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3157_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3157_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3157_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3157_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3157_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3157_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3157_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SK3157
Rev.3.00 Sep 07, 2005 page 3 of 7
Main Characteristics
Power vs. Temperature Derating
Case Temperature TC (°C)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State
Resistance vs. Drain Current
40
30
20
10
0
50
100
150
200
200
100
20
2
10
0.1
0.3
1
3
10
300
100
20
16
12
8
4
0
24
6
8
10
20
16
12
8
4
0
12
34
5
0.2
0.1
1
2 V
VGS = 2.5 V
Pulse Test
5 V
25
°C
VDS = 10 V
Pulse Test
75
°C
500
0.5
5
50
0.05
30
1000
10
µs
100
µs
DC
Operation
(Tc
=
25
°C)
Ta = 25
°C
Operation in
this area is
limited by RDS(on)
PW
=
10
ms(1s
hot)
4 V
10 V
Tc = –25
°C
3 V
2.0
1.6
1.2
0.8
0.4
0
48
12
16
20
50
100
1
20
2
1000
200
500
100
20
10
50
Pulse Test
10 A
ID = 20 A
5 A
5
10
VGS = 4 V
10 V
Pulse Test


유사한 부품 번호 - 2SK3157_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK3157-E RENESAS-2SK3157-E Datasheet
89Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SK3157_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com