전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLI2203 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRLI2203
상세설명  Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLI2203 데이터시트(HTML) 4 Page - International Rectifier

  IRLI2203 Datasheet HTML 1Page - International Rectifier IRLI2203 Datasheet HTML 2Page - International Rectifier IRLI2203 Datasheet HTML 3Page - International Rectifier IRLI2203 Datasheet HTML 4Page - International Rectifier IRLI2203 Datasheet HTML 5Page - International Rectifier IRLI2203 Datasheet HTML 6Page - International Rectifier IRLI2203 Datasheet HTML 7Page - International Rectifier IRLI2203 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLI2203G
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
4
8
12
16
0
20
40
60
80
100
120
Q , Total Gate Charge (nC)
G
A
FOR TEST CIRCUIT
SEE FIGURE 13
V
= 24V
I
= 55A
DS
D
10
100
1000
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
100µs
1ms
10ms
A
T
= 25°C
T
= 175°C
Single Pulse
C
J
10
100
1000
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
T = 25°C
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
T = 175°C
J
0
1000
2000
3000
4000
5000
6000
7000
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
To Order
Next Data Sheet
Index
Previous Datasheet


유사한 부품 번호 - IRLI2203

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLI2203N IRF-IRLI2203N Datasheet
113Kb / 8P
   HEXFET Power MOSFET
IRLI2203NPBF IRF-IRLI2203NPBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLI2203

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRLP3803 IRF-IRLP3803 Datasheet
295Kb / 8P
   HEXFET짰 Power MOSFET(VDSS = 30V,RDS(on) = 0.006Ohm,ID = 120A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com