전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLZ14L 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRLZ14L
상세설명  Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLZ14L 데이터시트(HTML) 7 Page - International Rectifier

Back Button IRLZ14L Datasheet HTML 2Page - International Rectifier IRLZ14L Datasheet HTML 3Page - International Rectifier IRLZ14L Datasheet HTML 4Page - International Rectifier IRLZ14L Datasheet HTML 5Page - International Rectifier IRLZ14L Datasheet HTML 6Page - International Rectifier IRLZ14L Datasheet HTML 7Page - International Rectifier IRLZ14L Datasheet HTML 8Page - International Rectifier IRLZ14L Datasheet HTML 9Page - International Rectifier IRLZ14L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRLZ14S/L
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*
Fig 14. For N-Channel HEXFETS


유사한 부품 번호 - IRLZ14L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRLZ14L VISHAY-IRLZ14L Datasheet
294Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
IRLZ14L VISHAY-IRLZ14L Datasheet
317Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
IRLZ14LPBF VISHAY-IRLZ14LPBF Datasheet
317Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

유사한 설명 - IRLZ14L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFL014 IRF-IRFL014 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com