부품명
         상세내용
IRU1205

 300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS ( 6 Page)


IRF
100% 
Zoom Out Zoom In
   
 2 page
background image
2
Rev. 2.3
07/16/02
IRU1205
IRU1205-18 / IRU1205-25 / IRU1205-28
IRU1205-30 / IRU1205-33 / IRU1205-36
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ..................................................... 10V
Enable Input Voltage ................................................. 10V
Storage Temperature Range ....................................... -65°C To 150°C
Operating Junction Temperature Range ......................
0°C To 150°C
PACKAGE INFORMATION
5-PIN SOT-23 (L5)
5-PIN SOT-23 (L5)
ELECTRICAL SPECIFICATIONS
Reference Voltage
(See Table 1 for typical values)
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Note 2)
Ground Current (Note 3)
Ground Current-SD Activated
Current Limit
Thermal Regulation
Adjust Pin Current
Enable Pin Input LO Voltage
Enable Pin Input HI Voltage
Enable Pin Input LO Current
Enable Pin Input HI Current
uJA=2568C/W
uJA=2568C/W
Unless otherwise specified, these specifications apply over CIN=Co=22
mF, Io=100mA, VIN(MIN)=2.5V(Adjustable
devices) VIN=Vo + 1V(for fixed voltage devices), VOUT=VFB(for adjustable version only), CBYP=470pF(for AT18, AT25,
AT28, AT30, AT33 and AT36), VENB=2V and TA=25
8C. Typical values refer to TA=258C. Low duty cycle pulse testing
is used which keeps junction and case temperatures equal to the ambient temperature.
En
Adj
Gnd VIN
VOUT
AT00
Adjustable
3
2
1
4
5
Fixed
En
CBYP
Gnd VIN
VOUT
ATxx
3
2
1
4
5
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX UNITS
(Note 4)
Vo + 1V<VIN<10V
1mA<Io<100mA
100mA<Io<300mA
Io=100
mA
Io=100
mA (Note 4)
Io=50mA
Io=50mA (Note 4)
Io=150mA
Io=150mA (Note 4)
Io=300mA
Io=300mA (Note 4)
VEN=2V, Io=100
mA
Io=100
mA (Note 4)
Io=50mA
Io=50mA (Note 4)
Io=150mA
Io=150mA (Note 4)
Io=300mA
Io=300mA (Note 4)
VEN=0V to 0.8V or Open
Vo=0V
VIN=10V, Io=150mA, 10ms Pulse
VIN=2.5V, Vo=VADJ
Regulator OFF
Regulator ON
VEN(L)=0V to 0.8V
VEN(H)=2V to VIN
-1
-2
320
2
0.005
0.8
0.1
10
13
85
100
170
204
270
324
120
240
420
540
2200
2900
7200
9300
5
420
0.05
0.1
0.01
20
1
2
50
70
110
140
220
260
350
400
160
600
2900
9500
0.8
%
%/V
%
mV
mA
mA
mA
%/W
mA
V
V
mA
mA
Vo
DVI
DVL
DVI(O)
IQ
IQ(SD)
ICL
DVP
IADJ
VEN(L)
VEN(H)
1  2  3  4  5  6 



관련 부품명

부품명상세내용Html View제조사
IRU12061A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1 2 3 4 5 MoreInternational Rectifier
TCL1117800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V 3.30V 5.00V 1 2 3 4 5 MoreTelCom Semiconductor, Inc
RT91641A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LT10861.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 3.6V 5V 12V 1 2 3 4 5 MoreLinear Technology
IL33269LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS 1 2 Integral Corp.
LT15847A 4.6A 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 1 2 3 4 5 MoreLinear Technology
LT1585A5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 1 2 3 4 5 MoreLinear Technology
IRU12061A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1 2 3 4 5 MoreInternational Rectifier
LT1117800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V 1 2 3 4 5 MoreLinear Technology
US12061A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR 1 2 3 4 5 MoreUNISEM

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl