부품명
         상세내용
IRU1206

 1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS ( 8 Page)


IRF
100% 
Zoom Out Zoom In
   
 6 page
background image
6
Rev. 2.3
08/02/02
IRU1206 / IRU1207 / IRU1208 / IRU1209
www.irf.com
TYPICAL APPLICATION
Figure 5 - Typical application of IRU1209 in 3.3V to 2.5V regulator.
Ref Desig
Description
Qty
Part #
Manuf
C1
Capacitor
1
10
mF, Tantalum
AVX
C2
Capacitor
1
10
mF, Tantalum
AVX
R1
Resistor
1
127
V, 1%
R2
Resistor
1
124
V, 1%
VIN
VOUT
R1
R2
C1
C2
IRU1209
SD
Enable
1
2
3
4
Enable
VIN
Gnd
VOUT
Adj
Gnd
Gnd
Gnd
8
7
6
5
Vo = 1.24
3 1 +
R1
R2
(
)
1  2  3  4  5  6  7  8 



관련 부품명

부품명상세내용Html View제조사
IRU12061A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS 1 2 3 4 5 MoreInternational Rectifier
IRU1205300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS 1 2 3 4 5 MoreInternational Rectifier
TCL1117800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V 3.30V 5.00V 1 2 3 4 5 MoreTelCom Semiconductor, Inc
RT91641A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LT10861.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 3.6V 5V 12V 1 2 3 4 5 MoreLinear Technology
LT15847A 4.6A 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 1 2 3 4 5 MoreLinear Technology
LT1585A5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 1 2 3 4 5 MoreLinear Technology
IL33269LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS 1 2 Integral Corp.
LT1117800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V 1 2 3 4 5 MoreLinear Technology
YD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreWuxi Youda electronics Co.,LTD

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl