전자부품 데이터시트 검색엔진 |
|
ST303S04PFK0 데이터시트(PDF) 4 Page - International Rectifier |
|
ST303S04PFK0 데이터시트(HTML) 4 Page - International Rectifier |
4 / 9 page ST303S Series 4 Bulletin I25173 rev. C 03/03 www.irf.com T J Max. junction operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJC Max. thermal resistance, junction to case 0.10 DC operation R thCS Max. thermal resistance, case to heatsink 0.03 Mounting surface, smooth, flat and greased T Mounting torque, ± 10% 48.5 Nm (425) (Ibf-in) wt Approximate weight 535 g Case style TO-209AE (TO-118) See Outline Table Parameter ST303S Units Conditions Thermal and Mechanical Specifications °C K/W Non lubricated threads ∆R thJC Conduction (The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC) Ordering Information Table 5 6 8 9 ST 30 3 S 12 P F K 0 3 4 7 Device Code 1 2 180° 0.011 0.008 120° 0.013 0.014 90° 0.017 0.018 K/W T J = T J max. 60° 0.025 0.026 30° 0.041 0.042 Conduction angle Sinusoidal conduction Rectangular conduction Units Conditions 1 - Thyristor 2 - Essential part number 3 - 3 = Fast turn off 4 - S = Compression bonding Stud 5 - Voltage code: Code x 100 = V RRM (See Voltage Ratings table) 6 - P = Stud base 3/4" 16UNF-2A 7 - Reapplied dv/dt code (for t q test condition) 8 -t q code 9 - 0 = Eyelet terminals (Gate and Aux. Cathode Leads) 1 = Fast-on terminals (Gate and Aux. Cathode Leads) dv/dt - tq combinations available dv/dt (V/µs) 200 t q (µs) 10 FN up to 800V 20 FK t q (µs) only for 20 FK 1000/1200V |
유사한 부품 번호 - ST303S04PFK0 |
|
유사한 설명 - ST303S04PFK0 |